Part Number Hot Search : 
MAE13021 PIC18F2 L9227 80006 IR3088A 2SA1602A ULQ2819A 00800
Product Description
Full Text Search
 

To Download MBR760 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR735 THRU MBR760
SCHOTTKY RECTIFIER
Reverse Voltage - 35 to 60 Volts
TO-220AC
0.185 (4.70) 0.415 (10.54) MAX. 0.370 (9.40) 0.360 (9.14) 0.154 (3.91) DIA. 0.148 (3.74) 0.055 (1.39) 0.045 (1.14) 0.175 (4.44)
Forward Current - 7.5 Amperes
Plastic package has Underwriters Laboratory Flammability Classifications 94V-0 Metal to silicon rectifier, majority carrier conduction Low power loss, high efficiency High current capability, low forward voltage drop High surge capability For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications Guardring for overvoltage protection High temperature soldering guaranteed: 250C/10 seconds, 0.25" (6.35mm) from case
FEATURES
0.113 (2.87) 0.103 (2.62) 0.145 (3.68) 0.135 (3.43) 0.560 (14.22) 0.530 (13.46) 0.410 (10.41) 0.390 (9.91) PIN 1 0.160 (4.06) 0.140 (3.56) 0.560 (14.22) 0.530 (13.46) 2 0.635 (16.13) 0.625 (15.87) 0.350 (8.89) 0.330 (8.38) 1.148 (29.16) 1.118 (28.40) 0.110 (2.79) 0.100 (2.54)
MECHANICAL DATA
0.105 (2.67) 0.095 (2.41) 0.037 (0.94) 0.027 (0.68) 0.022 (0.56) 0.014 (0.36)
PIN 1 0.205 (5.20) 0.195 (4.95) PIN 2 CASE
Dimensions in inches and (millimeters)
Case: JEDEC TO-220AC molded plastic body Terminals: Lead solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting Position: Any Mounting Torque: 5 in. - lbs. max. Weight: 0.08 ounces, 2.24 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
MBR735
MBR745
MBR750
MBR760
UNITS
Maximum repetitive peak reverse voltage Maximum working peak reverse voltage Maximum DC blocking voltage Maximum average forward rectified current (SEE FIG 1) Peak repetitive forward current (square wave, 20 KHZ) at TC=105C Peak forward surge current, 8.3ms single half sinewave superimposed on rated load (JEDEC Method) Peak repetitive reverse surge current (NOTE 1) Maximum instantaneous forward voltage at
(NOTE 2)
VRRM VRWM VDC I(AV) IFRM IFSM IRRM
35 35 35
45 45 45 7.5 15.0 150.0 1.0 0.57 0.84 0.72 0.1 15.0 10,000 3.0 60.0
50 50 50
60 60 60
Volts Volts Volts Amps Amps Amps
0.5 0.75 0.65 0.5 50
Amps
IF=7.5A, TC=25C IF=7.5A, TC=125C IF=15A, TC=25C IF=15A, TC=125C
VF
Volts
Maximum instantaneous reverse current at rated DC blocking voltage TC=25C TC=125C (NOTE 1) Voltage rate of change (rated VR) Maximum thermal resistance, (NOTE 3) Operating junction temperature range Storage temperature range
IR dv/dt RJC RJA TJ TSTG
mA V/s C/W C C
-65 to +150 -65 to +175
NOTES: (1) 2.0s, pulse width, f=1.0 KHZ (2) Pulse test: 300s pulse width, 1% duty cycle (3) Thermal resistance from junction to case and/or thermal resistance from junction to ambient
4/98
RATINGS AND CHARACTERISTIC CURVES MBR735 THRU MBR760
FIG. 1 - FORWARD CURRENT DERATING CURVE
10
PEAK FORWARD SURGE CURRENT, AMPERES AVERAGE FORWARD CURRENT, AMPERES
RESISTIVE OR INDUCTIVE LOAD
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
175 150 125 100 75 50 25 1 10
NUMBER OF CYCLES AT 60 HZ
TJ=TJ max. 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
8 6 4 2
MBR735 - MBR745 MBR750 & MBR760
0
0
50
100
150
100
CASE TEMPERATURE, C
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
50
MBR735 - MBR745 MBR750 & MBR760
50 10
TJ=125C
INSTANTANEOUS FORWARD CURRENT, AMPERES
10
PULSE WIDTH = 300s
INSTANTANEOUS REVERSE CURRENT, MILLIAMPERES
1
TJ=125C
TJ=25C
1
0.1
TJ=75C
MBR735 - MBR745 MBR750 & MBR760
0.1
0.01
0.01
TJ=25C
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0.001 0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
TJ=25C f=1.0 MHz Vsig=50mVp-p
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE TRANSIENT THERMAL IMPEDANCE, C/W
4,000
JUNCTION CAPACITANCE, pF
100
1,000
10
1
100
MBR735 - MBR745 MBR750 & MBR760
40 0.1
1
10
100
0.1 0.01
0.1
1
10
100
REVERSE VOLTAGE, VOLTS
t, PULSE DURATION, sec.


▲Up To Search▲   

 
Price & Availability of MBR760

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X